Part Number Hot Search : 
WJ120 TS4040 IR2135J 000Q9 UPD16326 68HC0 N2803 MG780
Product Description
Full Text Search
 

To Download NRM-S102J250F2F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com speci cations are subject to change epoxy coated, non-inductive, capacitors, reduced size, radial lead features ? non-inductive construction ? epoxy resin coated for excellent moisture resistance ? metallized contruction provide self healing characteristics ? high stability with frequency over an extended operating life ? high performance at low cost ? reduced size ? lead forming and cut leads available specifications standard products and case size table (mm) metallized polyester film capacitors s 1mm *2mm max. l > 20mm 1.5mm max. l < 20mm l max. d ll = 25mm min. h max. t max. 104 k 250 f2 capacitance code in pf, rst two digits are signi cant, third digit is no. of zeros. e.g. 102 = .001f, 103 = .01f, 104 = .1f tolerance code j = 5%, k = 10% voltage (vdc) special lead forming part number system nrm-s series f rohs compliant nrm-s series operating temperature -40c ~ +85c rated voltage (vdc) 100v, 250v, 400v, 630v capacitance range 0.01f ~ 10f capacitance tolerance 10% (k), 5% (j) insulation resistance c < 0.33f ir > 9,000 megohm c > .33f ir > 3,000 megohm/f dissipation factor 1% (at 1khz/25c) dielectric strength 150% of rated voltage for 5 seconds l 13.0 18.0 26.0 31.0 s 10.0 15.0 22.5 27.5 d 0.6 0.8 0.8 0.8 cap. (f) 100vdc/63vac 250vdc/160vac 400vdc/200vac 630vdc/220vac lthlthlthlth 0.01 - - - ------ 12.5 5.0 8.5 0.015 - - - ------ 12.5 5.5 8.5 0.022 - - - ------ 12.5 5.5 10.5 0.033 - - ------- 12.5 6.5 11.0 0.047 - - ---- 12.5 5.5 8.5 12.5 7.5 12.0 0.068 - - ---- 12.5 6.0 10.0 18.5 6.5 11.5 0.1 ------ 12.5 7.0 11.0 18.5 7.0 13.5 0.15 - ----- 18.5 5.5 12.0 18.5 8.0 16.0 0.22 - - - 12.5 8.5 10.5 18.5 6.5 13.0 18.5 9.5 17.5 0.33 - - - 12.5 7.0 12.0 18.5 7.5 14.0 26.0 8.5 18.0 0.47 - - - 18.5 6.0 12.5 18.5 8.5 16.5 26.0 10.5 19.0 0.68 12.5 6.5 10.5 18.5 7.0 13.5 26.0 7.5 17.0 26.0 12.0 22.0 1.0 12.5 7.0 12.0 18.5 8.0 16.0 26.0 8.5 18.5 31.0 13.5 22.0 1.5 18.5 8.5 13.0 18.5 9.5 17.5 31.0 9.5 19.0 31.0 18.5 25.0 2.2 18.5 7.5 15.5 26.0 9.0 17.5 31.0 11.5 21.5 31.0 20.0 29.0 3.3 18.5 9.0 16.5 26.0 11.0 19.5 ------ 4.7 26.0 8.0 16.5 26.0 12.5 22.5 ------ 6.8 26.0 9.5 17.5 31.0 14.0 22.5 ------ 10.0 26.0 11.0 21.0 31.0 16.0 28.5 ------ *see part number system for details rohs compliant includes all homogeneous materials lead spacing (bulk) and diameter (mm) see taping specification for parts on tape
2 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com speci cations are subject to change radial lead taping speci cations film capacitors tape & reel for radial lead capacitor refer to eia standard rs-468 *note: standard lead spacing on taped parts is 5mm. special 7.5mm, 10mm and 15mm lead spacing may be available upon special request. to specific: lead spacing p/n suffix 5mm tr 7.5mm tr (7.5mmls) 10mm tr (10mmls) ammo box packing tb (tape box) crimped lead taping (standard) straight lead taping (special) contact nic for availability*. d 0 i 0 i d 0 i 0 w 0 w 1 w 2 l w h 0 h 1 p 0 p p 2 p 1 f w 0 w 1 w 2 l w h 2 p 0 p p 2 p 1 f b max. h t c b a reel packing tr (tape/reel) a ? 15mm w 1 ? 45mm b ? 80mm w 2 ? 55mm d ? 370mm d ab w 1 w 2 dimensions mm (inch) p p 0 p 2 p 1 f* h w w 1 h 1 h 2 h 0 i i 0 d 0 w 0 t w 2 l 12.7 1.0 12.7 0.2 6.35 1.3 3.85 0.5 5.0 0.8 0 2.0 18.0 0.5 9.0 0.5 20.0 0.75 18.0 0.5 16.0 0.5 2.0 max. 7.0 max. 4.0 0.2 12.5 min. 0.7 0.2 3.0 max. 11.0 max. (0.5 0.0394) (0.5 0.008) (.025 0.051) (0.152 0.020) (0.197 0.0315) (0 0.0787) (0.709 0.020) (0.354 0.020) (0.787 0.030) (0.709 0.020) (0.630 0.020) (0.079 max.) (0.276 max.) (0.157 0.008) (0.492 min.) (0.028 0.008) (0.118 max.) (0.433 max.)


▲Up To Search▲   

 
Price & Availability of NRM-S102J250F2F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X